PART |
Description |
Maker |
MAX9051 MAX9039 MAX9041 MAX9052 MAX9042 MAX9053 MA |
4-Bit Binary Full Adders With Fast Carry 16-CFP -55 to 125 "SOT23, Micropower Comparator plus Precision 2.5V Refenece" " Micropower, Comparator and Reference in UCSP" "SOT23, Micropower Comparator plus Precision 2.048V Refenece" " SOT23, Micropower Comparator plus Precision 2.5V Refenece" "Dual, Micropower Comparator plus Precision 2.048V Refenece" Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LM2901DR2 LM239N MC3302DR2 LM2901DTBR2G NCV2901CTR |
3-36V Quad Comparator, Ta = -40 to 105°C - Pb-free; Package: TSSOP-14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 QUAD COMPARATOR, 15000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO14 3-36V Quad Comparator - Bare die; Package: NA-Bare Die; Container: Tape and Reel; Qty per Container: 6000 QUAD COMPARATOR, 15000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, UUC Single Supply Quad Comparators QUAD COMPARATOR, 15000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO14 3-36V Quad Comparator, Ta = 0 to 70°C, Pb-FREE; Package: SOIC 14 LEAD; No of Pins: 14; Container: Rail; Qty per Container: 55 QUAD COMPARATOR, 9000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO14 Single Supply Quad Comparators QUAD COMPARATOR, 9000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO14 Single Supply Quad Comparators
|
Rectron Semiconductor Integrated Device Technology, Inc.
|
IS-139ASRH |
Quad Voltage Comparator, Single/Dual Supply 9-30V, Single Event Rad-Hard 300k
|
Intersil
|
MAX9031AXKT MAX9031AUKT |
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators COMPARATOR, 5000 uV OFFSET-MAX, PDSO5
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LT1394 LT1394CS8TR |
7ns, Low Power, Single Supply, Ground-Sensing Comparator(7ns, 低功耗,单电源,地电平敏感比较器) 7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology Corporation
|
MAX9000 MAX9000ESA MAX9000EUA MAX9001 MAX9001ESD M |
Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs "Low-Power, 1.25MHz Op Amp Comparator Reference IC with Shutdown" Low-Power High-Speed Single-Supply Op Amp Comparator Reference ICs
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
TC75S56F07 TC75S56FE |
Single Comparator
|
Toshiba Semiconductor
|
TC75S58FE |
Single Comparator
|
TOSHIBA
|
TA7523 TA7523AS |
SINGLE COMPARATOR
|
TOSHIBA[Toshiba Semiconductor]
|
TC75S58F07 |
Single Comparator
|
Toshiba Semiconductor
|
UM21125 UM21125G-AF5-R UM21125L-AF5-R |
SINGLE-SUPPLY COMPARATOR
|
Unisonic Technologies
|
|